Part Number Hot Search : 
QS8K12 226M00 S4001 CM7331 A180D HC7404 LR3636 3899B
Product Description
Full Text Search
 

To Download 1N5532B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5518-1 THRU 1N5546B-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/437 * LOW REVERSE LEAKAGE CHARACTERISTICS * LOW NOISE CHARACTERISTICS * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED MAXIMUM RATINGS
Junction and Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage @ 200mA: 1.1 volts maximum ELECTRICAL CHARACTERISTICS @ 25C
B-C-D SUFFIX MAXIMUM DC ZENER CURRENT 1ZM
1N5518 thru 1N5546D and 1N5518B-1 thru 1N5546B-1
JEDEC TYPE NUMBER (NOTE 1)
NOMINAL ZENER VOLTAGE VZ@ 1ZT (NOTE 2) VOLTS
ZENER TEST CURRENT 1ZT
MAX. ZENER IMPEDANCE B-C-D SUFFIX ZZT @ 1ZT (NOTE 3) OHMS
MAXIMUM REVERSE LEAKAGE CURRENT lR (NOTE 4) VR = VOLTS NON & ASUFFIX B-C-DSUFFIX
B-C-D SUFFIX MAX. NOISE DENSITY @1Z=250 A ND
REGULATION FACTOR VZ (NOTE 5) VOLTS
LOW VZ CURRENT 1ZL
mAdc
Adc
5.0 3.0 1.0 3.0 2.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
mAdc
V/
HZ
mAdc
1N5518B 1N5519B 1N5520B 1N5521B 1N5522B 1N5523B 1N5524B 1N5525B 1N5526B 1N5527B 1N5528B 1N5529B 1N5530B 1N5531B 1N5532B 1N5533B 1N5534B 1N5535B 1N5536B 1N5537B 1N5538B 1N5539B 1N5540B 1N5541B 1N5542B 1N5543B 1N5544B 1N5545B 1N5546B
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 28.0 30.0 33.0
20 20 20 20 10 5.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
26 24 22 18 22 26 30 30 30 35 40 45 60 80 90 90 100 100 100 100 100 100 100 100 100 100 100 100 100
0.90 0.90 0.90 1.0 1.5 2.0 3.0 4.5 5.5 6.0 6.5 7.0 8.0 9.0 9.5 10.5 11.5 12.5 13.0 14.0 15.0 16.0 17.0 18.0 20.0 21.0 23.0 24.0 28.0
1.0 1.0 1.0 1.5 2.0 2.5 3.5 5.0 6.2 6.8 7.5 8.2 9.1 9.9 10.8 11.7 12.6 13.5 14.4 15.3 16.2 17.1 18.0 19.8 21.6 22.4 25.2 27.0 29.7
115 105 98 88 81 75 68 61 56 51 46 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 13 12
0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 2.0 4.0 4.0 4.0 5.0 10 15 20 20 20 20 20 20 20 20 20 20 20 20 20
0.90 0.90 0.85 0.75 0.60 0.65 0.30 0.20 0.10 0.05 0.05 0.05 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.30 0.35 0.40 0.45 0.50
2.0 2.0 2.0 2.0 1.0 0.25 0.25 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
NOTE 1
No Suffix type numbers are +20% with guaranteed limits for only VZ, lR, and VF. Units with "A" suffix are +10% with guaranteed limits for VZ, lR, and VF. Units with guaranteed limits for all six parameters are indicated by a "B" suffix for +5.0% units, "C" suffix for +2.0% and "D" suffix for +1.0%. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT.
NOTE 2 NOTE 3 NOTE 4 NOTE 5
Reverse leakage currents are measured at VR as shown on the table. VZ is the maximum difference between VZ at lZT and VZ at lZL measured with the device junction in thermal equilibrium at the ambient temperature of +25C +3C.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N5518
400 0JL, Junction to Lead Thermal Resistance (C/W)
thru 1N5546D INCLUDING -1 VERSIONS
300
200
100
0
0.2 0.4 0.6 0.8 L, lead Length to Heat Sink (inches)
1.0
FIGURE 2
TYPICAL THERMAL RESISTANCE
1000 500 400 300 200 ZENER IMPEDANCE ZZT (OHMS)
100
50 40 30 20
10
5 4 3 2
1 .1 .2 .5 1 2 5 10 OPERATING CURRENT IZT (mA) 20 50 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of 1N5532B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X